PART |
Description |
Maker |
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MCP1252T-ADJI/MS MCP125233X50E/MS MCP125233X50I/MS |
Low-Noise, Positive-Regulated Charge Pump
|
Microchip Technology
|
CAT3200ES6-5 |
Low Noise Regulated Charge Pump DC-DC Converter
|
ON Semiconductor
|
MCP1256 MCP1259T-EUN MCP1256-EMF MCP1256-EUN MCP12 |
Regulated 3.3V, Low-Ripple Charge Pump with Low-Operating Current SLEEP Mode or BYPASS Mode From old datasheet system Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
AAT3111IJS-3.3-T1 AAT3111IJS-3.6-T1 AAT3111IGU-3.3 |
MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analog Technology, Inc.
|
LTC1682IMS8-5 LTC1682CMS8 LTC1682CS8 LTC1682CS8-3. |
Doubler Charge Pumps with Low Noise Linear Regulator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Replaced by TLV5618A : Dual 12-Bit DAC, Pgrmable 8-SOIC Doubler Charge Pumps with Low Noise Linear Regulator(5V杈??锛?甫浣??澹扮嚎?хǔ??????????佃?娉旦
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC3200 |
Low Noise, Regulated Charge Pump DC/DC Converters(可调输出,低噪声,稳压型,电荷泵DC/DC变换器(8-脚MSOP封装 低噪声,稳压电荷泵DC / DC转换器(可调输出,低噪声,稳压型,电荷泵型DC / DC变换器(8 -脚型MSOP封装))
|
Linear Technology, Corp.
|
LTC1551 LTC1550 LTC1551CS8-4.1 LTC1550IGN LTC1550C |
From old datasheet system Low Noise/ Switched Capacitor Regulated Voltage Inverters Low Noise, Switched Capacitor Regulated Voltage Inverters
|
LINER[Linear Technology] Linear Technology Corporation
|
LTC1516IS8 LTC1516 LTC1516CS8 1516F |
From old datasheet system Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower/ Regulated 5V Charge Pump DC/DC Converter
|
LINER[Linear Technology]
|
PUMA2F16000I-25 PUMA2F16000M-15 PUMA2F16000M-20 PU |
x32 Flash EEPROM Module Low Noise, Regulated Charge Pump, Adjustable Output, MSOP 2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect, TDFN 2-Kb I<sup>2</sup>C EEPROM for DDR2 DIMM Serial Presence Detect, TDFN X32号,闪存EEPROM模块
|
AMIC Technology, Corp.
|